PART |
Description |
Maker |
CFB949AQ CFD1275AQ CFB949AP CFD1275AP CFD1275R CFB |
2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFD1275AQ 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFB949AQ 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFD1275AP 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFB949AP 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 2500 hFE. Complementary CFB949R 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFD1275 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFD1275P 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFD1275AR 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFD1275A 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFB949 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFB949Q
|
Continental Device India Limited
|
CDD1933 |
30.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 4.000A Ic, 1000 - 10000 hFE.
|
Continental Device India Limited
|
MMBT5087LT3G MMBT5087LT1G |
Small Signal Low Noise Transistor-PNP; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ON Semiconductor
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
SI4423DY SI4423DY-T1-E3 |
Trans MOSFET P-CH 20V 10A 8-Pin SOIC N T/R TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BYX101GAMO |
0.4 A, 10000 V, SILICON, SIGNAL DIODE
|
NXP SEMICONDUCTORS
|
LT1206CT7 LT1206_07 LT1206 LT1206CN8 LT1206CR LT12 |
250mA/60MHz Current Feedback Amplifi er OP-AMP, 10000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PZFM7 250mA/60MHz Current Feedback Amplifier; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PSSO7
|
Linear Technology, Corp. LINER[Linear Technology]
|
KED103CY |
(KEDxxxx) NTC WIDERSTAND 10000 OHM
|
BTH
|
HMC611 |
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
|
Hittite Microwave Corporation
|
18106C |
1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR
|
C&D TECHNOLOGIES INC
|
CYNSE10128 |
Ayama 10000 Network Search Engine
|
Cypress Semiconductor
|
MX29LV040QI-70 MX29LV040TI-70 MX29LV040QC-70 |
0.5A 40V Schottky Rectifier; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 0.5A 30V Schottky Rectifier; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Macronix International Co., Ltd.
|
|